Part Number Hot Search : 
UG15JT 167BG AM25S18 X1243S8I TPW3852 UL1221 S0100 MA376
Product Description
Full Text Search
 

To Download AH18010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Description
AH180 is a micro-power Omnipolar Hall-Effect switch designed for portable and battery powered equipment such cellular phones, PDAs and portable PCs. Based on two HallEffect plates and a chopper stabilized architecture the AH180 provides a reliable solution over the whole operating range. To support portable and battery powered equipment the design has been optimized to operate over the supply range of 2.5V to 5.5V and consumes only 24uW with a supply of 3V. The single open-drain output switches on with either a north or south pole of sufficient strength. When the magnetic flux density (B) is larger than operate point (Bop), output is switched on (Output pin is pulled low). The output is turned off when B becomes lower than the release point (Brp). The output will remain off when there is no magnetic field. The AH180 is available in SIP-3L, SC59, DFN2020-3, and DFN2020-6 packages.
Pin Assignments
(Top View) 3. Output 2. GND 1. Vdd (SIP-3L)
(Top View) 3. Output GND 2. SC59 1 . Vdd
6. NC
(Top View) 5. GND 4. NC
( Top View ) 3. GND
Features
* * * * * Omnipolar (north or south pole) operation Micropower operation Single open drain output 2.5V to 5.5V operating voltage Chopper stabilized design provides * Superior temperature stability * Minimal switch-point drift * Enhanced immunity to stress Good RF noise immunity -40C to 85C operating temperature ESD (HBM) 5KV for DFN2020-6, DFN2020-3 6KV for SIP-3L and SC59 SIP-3L, SC59 (commonly known as SOT23 in Asia) DFN2020-6, DFN2020-3 packages Green Molding Compound (No Br, Sb) (Note 1)
1. Vdd 2. NC 3. Output
1. Vdd
DFN2020-6
3. Output DFN2020-3
Applications
* * * Cover switch in clam-shell cellular phones Cover switch in Notebook PC/PDA Contact-less switch in consumer products
* * * * *
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html.
AH180
Document number: DS31023 Rev. 17 - 2
1 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Typical Application Circuit
2.5~5.5V
RL C AH180 Gnd Output
Note: C is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 10nF~100nF. RL is the pull-up resistor, the recommended resistance is 10Kohm~100Kohm.
Pin Descriptions
Pin Name Vdd GND Output NC P/I/O P/I P/I O NC Description Power Supply Input Ground Output Pin No Connected
Functional Block Diagram
Vdd
Power switch Hall Plate Offset Cancelling Amp Latch
Output
Logical GND Hall Plate Offset Cancelling Amp Latch
AH180
Document number: DS31023 Rev. 17 - 2
2 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Absolute Maximum Ratings (TA = 25C)
Symbol Vdd B Ts PD TJ Characteristics Supply voltage Magnetic flux density Storage Temperature Range SIP-3L Package Power Dissipation SC59-3L/ DFN2020-6/ DFN2020-3 Maximum Junction Temperature Values 7 Unlimited -65 to +150 550 230 150 Unit V C mW mW C
Recommended Operating Conditions
Symbol Vdd TA Parameter Supply Voltage Operating Ambient Temperature Conditions Operating Operating Min 2.5 -40 Max 5.5 85 Unit V C
Electrical Characteristics (TA = 25 C, Vdd = 3V; unless otherwise specified)
Symbol Vout Ioff Idd(en) Idd(en) Idd(dis) Idd(dis) Idd(avg) Idd(avg) Tawake Tperiod D.C.
Notes:
Characteristic Output On Voltage Output Leakage Current
Conditions Iout =1mA Vout =5.5V, Output off Chip enable, TA = 25C, Vdd = 3V Chip enable, TA = -40~85C, Vdd = 2.5~5.5V Chip disable, TA = 25C, Vdd = 3V Chip disable, TA = -40~85C, Vdd = 2.5~5.5V Average supply current, TA = 25C, Vdd = 3V Average supply current, TA = -40~85C, Vdd = 2.5~5.5V (Note 2) (Note 2)
Min
Typ. 0.1 <0.1 3 3 5 5 8 8 75 75 0.1
Max 0.3 1 6 9 10 15 16 24 125 125
Unit V A mA mA A A A A s ms %
Supply Current
Awake Time Period Duty Cycle
2. When power is initially turned on, Vdd must be within its correct operating range (2.5V to 5.5V) to guarantee the output sampling. The output state is valid after the second operating phase (typical 150ms).
Tperiod Tawake Idd(en)
Idd (dis) 0
Sample and output latched
AH180
Document number: DS31023 Rev. 17 - 2
3 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Magnetic Characteristics (TA = 25 C, Vdd = 3V, Note 3, 4)
Option 1: Symbol Bops(south pole to brand side) Bopn(north pole to brand side) Brps(south pole to brand side) Brpn(north pole to brand side) Bhy(|Bopx|-|Brpx|) Option 2: Symbol Bops(south pole to brand side) Bopn(north pole to brand side) Brps(south pole to brand side) Brpn(north pole to brand side) Bhy(|Bopx|-|Brpx|)
Notes:
(1mT=10 Gauss) Parameter Operation Point Release Point Hysteresis Min -60 10 Typ. 40 -40 30 -30 15 Max 60 -10 Unit
Gauss
(1mT=10 Gauss) Parameter Operation Point Release Point Hysteresis Min -60 20 Typ. 40 -40 30 -30 15 Max 60 -20 Unit
Gauss
3. Typical data is at TA = 25C, Vdd = 3V, and for design information only. 4. Magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
Operating Characteristics
Output ( Output Voltage ) ( Output Voltage )
Output
Vcc ( off-state )
Turn off Turn on
( off-state )
Vcc
Bhy
Turn off
Bhy
Turn on
( on-state )
Vsat Bopn Brpn 0 ( Magnetic flux density B )
Vsat
( on-state )
0 Brps Bops ( Magnetic flux density B )
AH180
Document number: DS31023 Rev. 17 - 2
4 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Performance Characteristics
(1) SIP-3L TA (C) PD (mW) TA (C) PD (mW)
25 550 105 198
50 440 110 176
60 396 115 154
70 352 120 132
80 308 125 110
85 286 130 88
90 264 135 66
95 242 140 44
100 220 150 0
PD (mW)
6 00 5 00 4 00 3 00 2 00 1 00 0 0 -40 25
Power Dissipation Curve
50
75
85
100
1 25
TA (oC)
15 0
(2) SC59 (commonly known as SOT23 in Asia), DFN2020-6 and DFN2020-3 25 50 60 70 80 85 90 100 110 120 TA (C) PD (mW) 230 184 166 147 129 120 110 92 74 55
130 37
140 18
150 0
P D (m W )
300
P o w e r D is s i p a tio n C u rv e
200
100
0 -4 0 0 25 50 75 85 100 12 5 150
o
TA ( C)
AH180
Document number: DS31023 Rev. 17 - 2
5 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Ordering Information
AH 180 - XX X - X X
Package P : SIP-3L W : SC59 SN : DFN2020-6 FJ : DFN2020-3
Lead Free
Packing A : Ammo Box (Note 9) B : Bulk (Note 10) 7 : Tape & Reel
Magnetic Characteristics (Note 11) Blank : Option 1 -S : Option 2
L : Lead Free G : Green (Note 5, 6)
Device AH180-PL-B AH180-PL-A AH180-PG-B AH180-PG-A AH180-PL-B-S AH180-PL-A-S AH180-PG-B-S AH180-PG-A-S AH180-WG-7 AH180-SNG-7 AH180-FJG-7
Notes:
Bulk Package Packaging Part Code (Note 7, 8) Quantity Number Suffix P SIP-3L 1000 -B P P P P P P P W SN FJ SIP-3L SIP-3L SIP-3L SIP-3L SIP-3L SIP-3L SIP-3L SC59 DFN2020-6 DFN2020-3 NA 1000 NA 1000 NA 1000 NA NA NA NA NA -B NA -B NA -B NA NA NA NA
7" Tape and Reel Ammo Box Part Part Quantity Number Quantity Number Suffix Suffix NA NA NA NA NA NA NA NA NA NA NA 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel NA NA NA NA NA NA NA -7 -7 -7 -A NA -A NA -A NA -A NA NA NA 4000/Box NA 4000/Box NA 4000/Box NA 4000/Box NA NA NA
Magentic Characteristics (Note 11) Blank Blank Blank Blank S S S S Blank Blank Blank
5. SC59, DFN2020-6 and DFN2020-3 are available in "Green" product only. 6. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html. 7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 8. Reverse taping as shown on Diodes Inc. Surface Mount (SMD) Packaging document AP02007, which can be found on our website http://www.diodes.com/datasheets/ap02007.pdf. 9. Ammo Box is for SIP-3L Spread Lead. 10. Bulk is for SIP-3L Straight Lead. 11. Please refer the Magnetic Characteristics table, option 2 is available in SIP-3L package only.
AH180
Document number: DS31023 Rev. 17 - 2
6 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Marking Information
(1) SIP-3L
(Top View)
Part Number
180
Y WW X
Y : Year : 0~9 WW : Week : 01~52, "52" represents 52 and 53 week X : Internal Code : A~Z : Green a~z : Lead Free
(2) SC59 (commonly known as SOT23 in Asia)
( Top View )
XX Y W X
XX : Identification code Y : Year 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week X : A~Z : Green
Part Number AH180
Package SC59
Identification Code K0
(3) DFN2020-6
( Top View ) 180 YWX Pin 1 indicator Y : Year : 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week X : A~Z : Green
AH180
Document number: DS31023 Rev. 17 - 2
7 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Marking Information (Continued)
(4) DFN2020-3
( Top View ) XX YWX Pin 1 indicator XX : Identification Code Y : Year : 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week X : A~Z : Green
Package DFN2020-3 Identification Code K0
Part Number AH180
AH180
Document number: DS31023 Rev. 17 - 2
8 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SIP-3L for Bulk pack
0.51mm NOM 2.00 +/0.10mm
1.15 +/0.10mm
BRANDED SURFACE
1
2
3
Active Area Depth
Package Dimension
Sensor Location
AH180
Document number: DS31023 Rev. 17 - 2
9 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Package Outline Dimensions (Continued)
(2) Package Type: SIP-3L for Ammo pack
(3) SC59 (Commonly known as SOT23 in Asia)
0.35/0.50
TOP VIEW
1.50/ 1.70
2.70/ 3.00
1.90 2.90/3.10 1.00/ 1.30 0.10/0.20
0.013/0.10 0.95 0.35/0.55
0 O /8 O
AH180
Document number: DS31023 Rev. 17 - 2
10 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Package Outline Dimensions (Continued)
(4) Package Type: DFN2020-6
0.57/0.63 0.43mon.
Marking
0.05 C 0.15max. (Active area depth) Seating plane C 1.95/2.075 1.45/1.65
0.08 C 0/0.05 2x 0.15 C
Pin#1 ID B
A
Sensor location
1.95/2.075
0.76/0.96
R0
.1
2x-
0.15 C 0.65nom. Bottom View 0.2/0.3 0.05 M C A B
(5) Package Type: DFN2020-3
0.57/0.63 Typ 0.60 0.13Max.
0.10 C 0.08 C
0.30/0.40
Seating plane
0/0.05
C L
C
1.95/2.075
R0 .2
0.8/1.0
C L
2x-
0.25 B 0.10M C A B
0.2/0.3
1.1/1.3 1.95/2.075
0.25 A
Bottom View
2x
AH180
Document number: DS31023 Rev. 17 - 2
11 of 13 www.diodes.com
0.138(Ref.) 0.325(Ref.)
A
0.35/0.45
B
0.5Typ
Sensor location
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH Taping Orientation (Note 12)
(1) DFN2020-6
(2) DFN2020-3
Notes:
12. The taping orientation of the other package type can be found on our website at http://www.diodes.com/datasheets/ap02007.pdf.
AH180
Document number: DS31023 Rev. 17 - 2
12 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2010, Diodes Incorporated www.diodes.com
AH180
Document number: DS31023 Rev. 17 - 2
13 of 13 www.diodes.com
July 2010
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of AH18010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X